|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1995 preliminary data sheet m pd17071gb-012 mos integrated circuit document no. u12320ej1v0ds00 (1st edition) date published july 1997 n printed in japan the information in this document is subject to change without notice. 1997 4-bit single-chip microcontroller with pll frequency synthesizer controller for portable fm/am radio and tv description the m pd17071gb-012 is a cmos microcontroller with an on-chip pll frequency synthesizer for receiving international fm and am and japanese tv broadcasting. in addition, because it includes a prescaler (230 mhz max.), if counter, and lcd controller/driver, it constitutes a high-performance, multi-function fm, am, or tv tuner on a single chip. housed in a 56-pin qfp and driven by two dry cells at a low voltage (v dd = 1.8 to 3.6 v), the m pd17071gb-012 is ideal for creating a compact portable clock radio and radio cassette recorder. features ? preset memory three bands: fm, am, and japanese tv (1 to 12 channels) 10 stations for each band, totaling 30 stations ? last channel memory one station for each band, totaling 3 stations ? tuning function ? manual seek/auto seek ? auto store memory ? preset memory call ? lcd controller/driver (1/4 duty, 1/2 bias, 3.1-v driven, frame frequency: 62.5 hz) ? watch function 12-hour or 24-hour indication ? alarm function outputs alarm sound at set time every day ? sleep timer function turns off radio after set time (time can be set in a range of 30 to 120 minutes in units of 30 minutes.) ? low-voltage operation v dd = 1.8 to 3.6 v ordering information part number package m pd17071gb-012-1a7 56-pin plastic qfp (10 10 mm, 0.65 mm pitch)
m pd17071gb-012 2 functional outline receive frequency, channel space, reference frequency, intermediate frequency, station detection mode (1/2) region band receive frequency channel space reference intermediate station frequency frequency detection mode japan fm 76.0 to 90.0 mhz 100 khz 25 khz C10.71 mhz if only if and sd 76.0 to 108.0 mhz 100 khz 25 khz C10.71 mhz if only if and sd am 522 to 1629 khz 9 khz 3 khz 450 khz if only if and sd 459 khz if only if and sd 10.71 mhz if only if and sd tv 1 to 12 ch 25 khz C10.71 mhz if only if and sd u.s.a. fm 87.5 to 107.9 mhz 200 khz 25 khz 10.71 mhz if only if and sd 100 khz 25 khz 10.71 mhz if only if and sd am 530 to 1710 khz 10 khz 5 khz 450 khz if only if and sd 460 khz if only if and sd 10.71 mhz if only if and sd china fm 87.0 to 108.0 mhz 100 khz 25 khz 10.71 mhz if only if and sd 50 khz 25 khz 10.71 mhz if only if and sd am 522 to 1611 khz 9 khz 3 khz 450 khz if only if and sd 10.71 mhz if only if and sd europe 1 fm 87.5 to 108.0 mhz 50 khz 25 khz 10.71 mhz if only if and sd am 530 to 1620 khz 10 khz 5 khz 450 khz if only 459 khz if only 10.71 mhz if only 522 to 1629 khz 9 khz 3 khz 450 khz if only if and sd 459 khz if only if and sd 10.71 mhz if only if and sd europe 2 fm 87.5 to 108.0 mhz 50 khz 25 khz 10.71 mhz if only if and sd am 530 to 1620 khz 10 khz 5 khz 450 khz if only 459 khz if only 10.71 mhz if only 522 to 1629 khz 9 khz 3 khz 450 khz if only if and sd 459 khz if only if and sd 10.71 mhz if only if and sd remark the initial values in the preset memory differ between europe 1 and europe 2. m pd17071gb-012 3 (2/2) setting of pin input setting of initialization diode switch 9k/10k area0 area1 japan wide china band ifsel0 ifsel1 sd_if sd 100k/200k dont care lll0 dont care dont care 0 dont care lll0 dont care dont care 1 dont care l l h 0 dont care dont care 0 dont care l l h 0 dont care dont care 1 dont care l l dont care 0000 dont care l l dont care 0001 dont care l l dont care 0100 dont care l l dont care 0101 dont care l l dont care 0010 dont care l l dont care 0011 dont care l l dont care 0 dont care dont care 0 dont care l l dont care 0 dont care dont care 1 dont care l h l 0 dont care dont care 0 dont care l h l 0 dont care dont care 1 dont care l h h 0 dont care dont care 0 dont care l h h 0 dont care dont care 1 dont care l h dont care 0000 dont care l h dont care 0001 dont care l h dont care 0100 dont care l h dont care 0101 dont care l h dont care 0010 dont care l h dont care 0011 dont care dont care dont care l 1 dont care dont care 0 dont care dont care dont care l 1 dont care dont care 1 dont care dont care dont care h 1 dont care dont care 0 dont care dont care dont care h 1 dont care dont care 1 dont care dont care dont care dont care 1000 dont care dont care dont care dont care 1001 dont care dont care dont care dont care 1010 dont care dont care dont care dont care 1011 dont care h l dont care 0 dont care dont care 0 dont care h l dont care 0 dont care dont care 1 l h l dont care 0000 l h l dont care 0100 l h l dont care 0010 h h l dont care 0000 dont care h l dont care 0001 h h l dont care 0100 dont care h l dont care 0101 h h l dont care 0010 dont care h l dont care 0011 dont care h h dont care 0 dont care dont care 0 dont care h h dont care 0 dont care dont care 1 l h h dont care 0000 l h h dont care 0100 l h h dont care 0010 h h h dont care 0000 dont care h h dont care 0001 h h h dont care 0100 dont care h h dont care 0101 h h h dont care 0010 dont care h h dont care 0011 remarks 1. h: high-level input, l: low-level input 2. 0: open, 1: short m pd17071gb-012 4 initial value of preset memory the contents of the preset memory on first power application differ depending on the destination region, as follows: destination band preset memory last m1 m2 m3 m4 m5 m6 m7 m8 m9 m10 japan fm (mhz) 77.5 77.5 80.0 82.5 85.0 87.5 76.0 90.0 76.0 76.0 76.0 fm wide (mhz) 76.0 76.0 90.0 98.0 106.0 108.0 76.0 90.0 76.0 76.0 76.0 am (khz) 603 603 810 999 1440 1620 522 522 522 522 522 tv (ch) 1 ch 1 ch 3 ch 4 ch 8 ch 12 ch 1 ch 1 ch 1 ch 1 ch 1 ch u.s.a. fm100 k (mhz) 87.5 87.5 90.0 98.0 106.0 108.0 87.5 87.5 87.5 87.5 87.5 fm200 k (mhz) 87.5 87.5 90.1 98.1 106.1 107.9 87.5 87.5 87.5 87.5 87.5 am (khz) 530 530 600 1000 1200 1440 1710 530 530 530 530 china fm (mhz) 87.0 87.0 87.0 87.0 87.0 87.0 87.0 87.0 87.0 87.0 87.0 am (khz) 522 522 522 522 522 522 522 522 522 522 522 europe 1 fm (mhz) 87.5 87.5 90.0 98.0 106.0 108.0 87.5 87.5 87.5 87.5 87.5 am9 k (khz) 522 522 603 999 1440 1602 522 522 522 522 522 am10 k (khz) 530 530 600 1000 1400 1610 530 530 530 530 530 europe 2 fm (mhz) 87.5 87.5 90.1 98.1 106.1 108.0 87.5 87.5 87.5 87.5 87.5 am9 k (khz) 522 522 603 999 1440 1602 522 522 522 522 522 am10 k (khz) 530 530 600 1000 1400 1610 530 530 530 530 530 remark the initial values in the preset memory differ between europe 1 and europe 2. m pd17071gb-012 5 tuning function (1) manual tuning type description manual up increments or decrements frequency one step each time the corresponding key is pressed. manual down (2) auto tuning type description seek up searches station in up or down direction and, when station has been found, holds frequency of station. seek down (3) preset memory stores 10 stations for each band (fm, am, and tv) by using 10 buttons, totaling 30 stations. (4) preset memory call receives the frequency written to the preset memory. (5) auto store memory searches all the frequencies in the received band, and automatically writes the frequencies of stations to the preset memory. (6) last channel memory stores the frequency of the station received last in each of the three bands (fm, am, and tv), totaling three stations. m pd17071gb-012 6 watch function (1) 12-hour (with am and pm indication) or 24-hour indication the time indication mode is automatically selected according to the selected destination region. (2) time on power application on power application, the time is set to 00:00 (midnight) and counting is started. timer function (1) alarm function outputs an alarm sound at set time every day. (2) sleep timer automatically turns off radio after 30 to 120 minutes (the time can be set in units of 30 minutes). others (1) outputs beep sound to confirm valid momentary key input. (2) watch/frequency (mode) indication selection (3) mute control output (4) key lock function m pd17071gb-012 7 pin configuration (top view) 56-pin plastic qfp (10 10 mm, 0.65-mm pitch) m pd17071gb-012-1a7 remark ( ): pins for m pd17071gb-xxx-1a7 clkena (p0b3) japanwide/100 k/200 k (p0b2) area1 (p0b1) area0 (p0b0) beep nc ce lcd14 lcd13 lcd12 lcd11 lcd10 lcd9 lcd8 56 55 54 53 52 51 50 49 48 47 46 45 44 43 15 16 17 18 19 20 21 22 23 24 25 26 27 28 stereo (p0c1) 9 k/10 k/sd (p0d2) fmifc/amifc (p0d3) gnd eo vcol vcoh reg0 v dd x out x in reg1 reg lcd 0 cap lcd 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 42 41 40 39 38 37 36 35 34 33 32 31 30 29 lcd7 lcd6 lcd5 lcd4 lcd3 lcd2 lcd1 lcd0 com3 com2 com1 com0 reg lcd 1 cap lcd 1 mute (p1c0) band1 (p0a0) band2 (p0a1) ks1 (p0a2) ks2 (p0a3) ks3 (p1b0) ks4 (p1b1) ks5 (p1b2) ks6 (p1b3) k0 (p1a0) k1 (p1a1) k2 (p1a2) k3 (p1a3) keylock (p0c0) m pd17071gb-012 8 table of contents 1. pin function ............................................................................................................................... ..... 9 2. configuration of key matrix ................................................................................................15 2.1 layout of initialization diode key matrix .............................................................................15 2.2 layout of momentary key matrix ...........................................................................................15 2.3 connection of key matrix .......................................................................................................16 2.4 description of key matrix .......................................................................................................17 2.4.1 initialization diode matrix ............................................................................................................ 17 2.4.2 momentary key ............................................................................................................................. 20 2.5 alarm function .........................................................................................................................28 2.6 key lock function ...................................................................................................................29 3. lcd display ............................................................................................................................... .....30 3.1 lcd panel ............................................................................................................................... ...30 3.2 font ............................................................................................................................... .............30 3.3 lcd pattern ............................................................................................................................... 30 3.4 lcd pin assignment ................................................................................................................31 3.5 display description .................................................................................................................33 3.6 display example .......................................................................................................................34 4. mute output timing chart ......................................................................................................36 4.1 manual up/down (operates by pressing key and releasing within 0.5 sec) .................... 36 4.2 auto up/down (operates by holding down key for 0.5 sec or longer) ............................. 36 4.3 calling preset memory ............................................................................................................37 4.4 band selection .........................................................................................................................37 4.5 ce pin ...................................................................................................................... ..................37 4.5.1 high level to low level ................................................................................................................. 37 4.5.2 low level to high level ................................................................................................................. 37 4.6 sleep timer ............................................................................................................................... 38 5. electrical specifications (preliminary) .........................................................................39 6. package ............................................................................................................................... ............42 m pd17071gb-012 9 1. pin function pin no. symbol pin name description i/o form 1 mute mute output outputs a mute control signal. cmos outputs a high level in the following cases: push-pull ? when radio is turned on/off output ? when the frequency band is changed ? during manual tuning ? during auto tuning ? when the preset memory is called ? in power-off state 2 band1 band select these pins output band select signals. cmos 3 band2 signal output the output of each band is as follows: push-pull pin band1 band2 output selected band am 0 0 fm 1 0 tv (1 to 3 ch) tv (4 to 12 ch) 1 1 (0: low level, 1: high level) 4 ks1 key source key source output pins of a key matrix cmos | | output push-pull 9 ks6 output 10 k0 key return signal these pins input the key return signals of a key matrix. they are input | | input connected to an internal pull-down resistor. 13 k3 14 keylock key lock signal this pin inputs a key lock signal. input input the signal input to this pin is used to lock or unlock a momentary key. input a signal to this pin as follows: ? high level: to lock the momentary key. all momentary keys are invalid while the keys are locked. ? low level: to unlock the keys. note, however, that a high level or low level of less than 32 ms is invalid. 15 stereo stereo signal this pin inputs a stereo signal. input input reception of stereo broadcasting is identified by the signal input to this pin. input a low level to this pin while stereo broadcasting is being received. m pd17071gb-012 10 pin no. symbol pin name description i/o form 16 9 k/10 k am setting input/ this pin inputs an sd (station detector) signal. input /sd sd signal input when europe 1 or europe 2 is selected as the destination region, this pin can be also used to input setting of a channel space in an am band. (1) setting of channel space in am band for europe 1 and europe 2 (9 k/10k) this setting is valid only when europe 1 or europe 2 is selected as the destination region. the setting is read only on power application (power-on reset), or when the signal input to the ce pin (pin 50) goes high (ce reset); otherwise, it is ignored. input a signal to this pin as follows: ? high level: channel space 9 khz ? low level: channel space 10 khz note that the setting of this pin is invalid when initialization diode switch sd_if = 1, and the channel space is 9 khz. (2) input of sd signal (sd) when a station has been detected this is identified by the signal input to this pin and the frequency counter when initialization diode switch sd_if = 1. input a high level to this pin when a station is detected. however, a signal input for less than 32 ms is invalid. 17 fmifc fm/am this pin inputs an intermediate frequency (if) in an fm or am band. input /amifc intermediate the signal input to this pin is used to identify a station. frequency input when initialization diode switch sd_if = 1, however, the signal input to this pin and the signal input to the sd pin (pin 16) are used to identify a station. the range of the input frequency in which detection of a station is identified is as follows: band input frequency range <1> input frequency range <2> fm 10.7 mhz 20 khz am 450 khz 1 khz 459/460 khz 1 khz tv 10.7 mhz 20 khz the conditions of input frequency ranges <1> and <2> vary as follows depending on the setting of initialization diodes ifsel1 and ifsel2. ifsel1 ifsel2 selected frequency range 0 0 input frequency range <1> 1 0 input frequency range <2> 0 1 input frequency range <1> (0: open, 1: short) 18 gnd ground ground pin m pd17071gb-012 11 pin no. symbol pin name description i/o form 19 eo error out this pin outputs pll (phase locked loop) errors. cmos it outputs the result of comparison between the frequency input to the 3-state vcoh (pin 21) or vcol (pin 20) and a set frequency. output ? input frequency > set frequency: high level ? input frequency < set frequency: low level ? input frequency = set frequency: floating connect this pin to a varactor diode via an external lpf (lowpass filter). 20 vcol am local this pin inputs local oscillation output (vco output) in an am band. input oscillation input the signal that can be input to this pin is as follows: selected intermediate frequency range minimum amplitude frequency (mhz) (vp-p) 10.71 mhz 5 to 50 0.2 other than 10.71 mhz 0.3 to 8 0.2 because an internal ac amplifier is provided, cut the dc component of the input signal with a capacitor. 21 vcoh fm local this pin inputs local oscillation output (vco output) in an fm and tv input oscillation input band. the signal that can be input to this pin is as follows: frequency range (mhz) minimum amplitude (v p-p ) 4 to 230 0.2 because an internal ac amplifier is provided, cut the dc component of the input signal with a capacitor. 22 reg0 power supply pin this is a voltage regulator pin for pll. connect this pin to gnd via a 0.1- m f capacitor. it outputs a low level when the radio is off. 23 v dd power supply pin this is a power supply pin. it supplies a voltage of v dd = 1.8 to 3.6 v (t a = C20 to +70 c) to operate all the functions. do not apply a voltage higher than that applied to the v dd pin to any pin other than the v dd pin. 24 x out crystal resonator these pins are used to connect a crystal resonator for system clock cmos oscillation. push-pull connect a 75-khz crystal resonator across these pins. 25 x in the accuracy of the watch is affected only by the oscillation frequency of the crystal resonator. m 0.1 f reg0 m pd17071gb-012 12 pin no. symbol pin name description i/o form 26 reg1 power supply pin this pin is a voltage regulator pin for oscillation circuit. connect this pin to gnd via a 0.1- m f capacitor. 27 reg lcd 0 lcd driving ? reg lcd 1 and reg lcd 0 28 cap lcd 0 power supply these pins supply the lcd driving voltage. 29 cap lcd 1 pins ? cap lcd 1 and cap lcd 0 30 reg lcd 1 connect a capacitor for a doubler circuit across these pins to create an lcd driving voltage. connect the capacitor as shown below to create the doubler circuit. caution the value of the lcd drive voltage changes if the values of c1, c2, and c3 are changed because of the configuration of the doubler circuit. 31 com0 lcd common these pins output common signals to an lcd panel. cmos | | signal output they output 60 dots on the lcd panel by creating a matrix with push-pull 34 com3 lcd0 through lcd14 pins (pins 35 through 49). output 35 lcd0 lcd segment these pins outputs segment signals to an lcd panel. cmos | | signal output they display 60 dots on the lcd panel by creating a matrix with push-pull 49 lcd14 com0 through com3 pins (pins 31 through 34). output 50 ce chip enable this input pins selects radio operation as follows: input ? high level turns on the radio. ? low level turns off the radio. note, however, that a high or low level of less than 200 m s is not accepted. 51 nc no connection no connection. externally pull down this pin. m 0.1 f reg1 c1 = c2 = 0.1 f c3 = 0.01 f reg lcd 1 cap lcd 1 cap lcd 0 reg lcd 0 c1 c3 c2 m m m pd17071gb-012 13 pin no. symbol pin name description i/o form 52 beep beep/alarm this pin outputs a key-on confirmation sound (beep output) and cmos output alarm sound. push-pull output (1) beep output a pulse of 1.5 khz is output for about 40 ms in the following cases: ? when a valid key is input ? while time is adjusted up or down in high-speed mode ? during seek up/down (2) alarm sound output when the time reaches the alarm time set, a 3 khz pulse is intermittently output approximately every 64 ms, five times after 1 second. the alarm sound is output for 10 minutes from the start of output, or until it is canceled. 53 area0 destination these pins input setting for the destination region. input 54 area1 region setting the setting of these pins is read only on application of v dd (power- input on reset) or when the signal input to the ce pin goes high (ce reset); otherwise, it is ignored. input a signal to these pins as follows: area0 area1 destination region 0 0 japan 0 1 u.s.a. 1 0 europe 1 1 1 europe 2 (0: low level, 1: high level) when initialization diode switch china_band = 1, however, the setting is invalid, and the destination region is china. m pd17071gb-012 14 pin no. symbol pin name description i/o form 55 japan wide/ fm setting input this pin inputs an fm receive frequency band and setting of a channel input 100 k/200 k space. the setting differs depending on the destination region. the setting is read only on application of v dd (power-on reset) or when the ce pin (pin 50) goes high (ce reset); otherwise, it is ignored. (1) when the destination region is japan (japan wide) sets an fm receive frequency band. input as follows: ? high-level input: 76.0 to 108.0 mhz ? low-level input: 76.0 to 90.0 mhz (2) when the destination region is the u.s.a. (100 k/200 k) sets the channel space of the fm band. input as follows: ? high-level input: 100-khz step ? low-level input: 200-khz step (3) when the destination region is china (100 k/200 k) sets the channel space of the fm band. input as follows: ? high-level input: 50-khz step ? low-level input: 100-khz step 56 clkena watch function this pin inputs the setting for whether the watch function is used or not. input selection input the setting is read only on application of v dd (power-on reset) or when the ce pin (pin 50) goes high (ce reset); otherwise, it is ignored. input as follows: ? high-level input: watch function used. ? low-level input: watch function not used. m pd17071gb-012 15 2. configuration of key matrix 2.1 layout of initialization diode key matrix input pin (pin no.) k0 (10) k1 (11) k2 (12) k3 (13) output pin (pin no.) ks1 (4) china_band tv_ena stopsel ks2 (5) sd_if memsel ifsel1 ifsel2 remark : not set 2.2 layout of momentary key matrix input pin (pin no.) k0 (10) k1 (11) k2 (12) k3 (13) output pin (pin no.) ks3 (6) sleep check stop band ks4 (7) auto store m4 m5 +5 ks5 (8) memory/auto store m1/memory up m2 m3 ks6 (9) mode up down alarm m pd17071gb-012 16 2.3 connection of key matrix kn kn ksn ksn m pd17071gb-012 momentary key initialization diode 55 56 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 momentary key initialization diode k3 k2 k1 k0 ks6 ks5 ks4 ks3 ks2 ks1 m pd17071gb-012 17 2.4 description of key matrix 2.4.1 initialization diode matrix the initialization diode matrix determines the function of the m pd17071gb-012. be sure to set this diode matrix. the setting of the diode matrix is read only on application of v dd (power-on reset), or when the ce pin (pin 50) goes high (ce reset); otherwise, it is ignored. (1) switch setting destination region china_band (2) switch setting receivable band (valid only when the destination region is japan) tv_ena (3) switches setting intermediate frequency of am band ifsel1, ifsel2 (4) switch setting station detection identification method sd_if (5) switch setting momentary key for preset memory manipulation memsel (6) switch setting momentary key for alarm sound canceling operation stopsel to set these switches, short-circuit (1) or open (0) the corresponding switches on the matrix with a diode. the function of the initialization diode matrix is explained next (in alphabetical order). m pd17071gb-012 18 initialization diode function description china_band this switch selects the destination region of the application set. set this switch as follows: china_band destination region 0 set by area0 and area1 pins 1 china (0: open, 1: short) if china is selected as the region by this switch, the setting of area0 (pin 53) and area1 (pin 54) is invalid. ifsel1 this switch sets an intermediate frequency in the am band. ifsel2 set it as follows: ifsel1 ifsel2 intermediate frequency of am band 0 0 450 khz 1 0 459 khz/460 khz 0 1 10.71 mhz 1 1 invalid setting. the intermediate frequency is 450 khz. (0: open, 1: short) when inputting an intermediate frequency to the fmifc/amifc pin (pin 17) when the intermediate frequency is set to 10.71 khz, convert the frequency to 450 khz before inputting. memsel this switch sets the momentary key for preset memory manipulation. set it as follows: memsel preset memory selection operation auto store memory operation 0 to key key key 1 key key (hold down for 2 seconds or longer) (0: open, 1: short) sd_if this switch selects the method for detecting a station. set it as follows: sd_if station detection method 0 station detection using frequency counter 1 station detection using frequency counter and sd signal (0: open, 1: short) stopsel this switch sets a momentary key used to cancel alarm sound output. it is also used to lock or unlock a key. set it as follows: stopsel alarm sound output canceling operation key locking/unlocking 0 key key and key (pressed simultaneously) 1 key key and key (pressed simultaneously) (0: open, 1: short) memory up m1 auto store m5 +5 memory stop stop mode mode alarm alarm m pd17071gb-012 19 initialization diode function description tv_ena this switch is used to select whether a tv band is received. setting of this switch is valid only when japan is selected as the destination region. set it as follows: tv_ena receivable band when japan is selected as region 0 fm/am 1 fm/am/tv (0: open, 1: short) m pd17071gb-012 20 2.4.2 momentary key two momentary keys can be pressed simultaneously only in the following combination. ? and keys to lock or unlock keys ? and keys to lock or unlock keys ? and keys during seek up/down any other combinations of keys is invalid when pressed simultaneously. the chattering wait time is 48 to 64 ms. the functions of the momentary keys are explained below (in alphabetical order). stop mode mode alarm up down m pd17071gb-012 21 momentary key function description this keys sets or cancels the alarm and cancels alarm sound output. this key is valid when the watch function is used (when a high level is input to the clkena pin (pin 56)). ? when initialization diode switch stopsel = 0 for setting or canceling alarm ? when initialization diode switch stopsel = 1 for setting or canceling alarm and canceling alarm sound output (1) setting/canceling alarm by pressing the key, the alarm is set at specified time. when the key is pressed again with the alarm set, the alarm is canceled. while the time is being adjusted and while the alarm time is being set, however, the alarm cannot be set or canceled. for an explanation of how to set the alarm time, refer to the description on the key. (2) canceling alarm sound output (when stopsel = 1) by pressing the key when the alarm sound is being output, the output of the alarm can be stopped. (3) locking momentary key (when stopsel = 1) the momentary key is locked when the key is pressed while the key is held down. for key locking, refer to the description on the key. this is a key for auto store memory. it is valid when the radio is on and the initialization diode switch memsel = 0. ? auto store memory the auto store memory operation is started when the key is pressed. this operation automatically searches a station and writes it to the preset memory. during the auto store memory operation, the frequency being sought is displayed. searching is started from the lowest frequency in a band, and is completed when the highest frequency is found. when stations are found they are stored started from preset m1. when stations have been stored up to m10, the auto store memory operation is completed. if the highest frequency is found before a station is written to m10, the auto store memory operation is stopped at that point. the operation of each key during auto store memory operation is as follows: key function description stops auto store memory operation. ? if station is written to preset memory as result of auto store memory operation, preset m1 is received. ? if no station is written to preset memory as result of auto store memory operation, frequency or preset station, when auto store memory operation is started, is received. stops auto store memory operation and changes band. performs operation of pressed key. auto store memory operation continues. any key other than above is invalid. alarm alarm alarm mode mode mode auto store alarm auto store auto store check band alarm stop alarm m pd17071gb-012 22 momentary key function description this key is used to select a band. it is valid when the radio is on. each time the key has been pressed, the band is changed as follows: ? if japan is selected as destination region and if initialization diode switch tv_ena = 1 ? other than above this key is used to test lighting of the lcd before shipment. by pressing the key, all the segments of the lcd lights for 20 seconds. if the key is pressed again while the lcd is lit, the test is stopped. any key other than the key is invalid during the testing of lcd lighting. C these keys are used to call a preset station and to write data to the preset memories. they are valid when the radio is on and initialization diode switch memsel = 0. (1) calling preset memory by pressing any of the through keys, the corresponding preset station can be called. a preset memory number is indicated for 0.5 second, and the corresponding frequency is selected. ten preset memories, m1 through m10, each corresponding to a preset station, are available. to call preset memories m6 through m10, or to write data to these preset memories, refer to the description of the key. (2) writing preset memory the contents of a specified preset memory are written when one of the keys to is pressed in combination with the key. for how to write data to the preset memory, refer to the description of the key. when initialization diode switch memsel = 1, the key functions as the key. this key is for writing data to the preset memory and for auto store memory. it is valid when the radio is on. ? when initialization diode switch memsel = 0 for writing preset memory ? when initialization diode switch memsel = 1 for writing preset memory and auto store memory the operation is as follows when initialization diode switch memsel = 1. key is held down for: operation less than 2 seconds preset memory write 2 seconds or longer auto store memory band band check check check check memory up m1 m5 m1 m5 +5 m1 m5 memory memory m1 memory memory fm am tv (on initial power application) fm am (on initial power application) m pd17071gb-012 23 momentary key function description (1) preset memory writing by pressing the key, the preset memory is enabled to be written for 10 seconds. write data to the preset memory in the following sequence: ? when initialization diode switch memsel = 0 select the frequency to be stored to the memory by using the and keys. press the key to enable the preset memory to be written. press any of the through keys in accordance with the preset memory to which data is to be written, and write data to the preset memory. ? when initialization diode switch memsel = 1 select the frequency to be stored in the memory by using the and key. enable the preset memory to be written by pressing the key. the preset memory holding the station received last plus one is automatically selected as the preset memory to be written. select the preset memory to be written, by using the key. press the key again to write data to the preset memory. memory up memory memory memory memory memory up up down m1 m5 down m pd17071gb-012 24 momentary key function description the operation of each key is as follows depending on the write status of the preset memory. key function description C ? when initialization diode switch memsel = 0 data is written to a preset memory and the preset memory write status is released. ? when initialization diode switch memsel = 1 this key is invalid. ? when initialization diode switch memsel = 0 this key is invalid. ? when initialization diode switch memsel = 1 increments the preset memory to be written by one station. preset memory m1 is selected next if preset memory m10 is selected. ? when initialization diode switch memsel = 0 releases the preset memory write status. ? when initialization diode switch memsel = 1 writes data to a preset memory and releases the preset memory write status. releases the preset memory write status, and performs the operation of the key pressed. / performs the operation of the key pressed. the preset memory write status continues. (2) auto store memory (when memsel = 1) the auto store memory operation is started by holding down the key for 2 seconds or longer. during auto store memory operation, this key operates as the key. for the auto store memory operation, refer to the description on the key. alarm memory memory up auto store memory m1 m5 band up down check mode +5 stop sleep memory auto store auto store m pd17071gb-012 25 momentary key function description this key is used to call and write a preset memory. it is valid when the radio is on and initialization diode switch memsel = 1. (1) calling preset memory each time the is is pressed, the preset station is incremented by one and called up. the preset memory number is displayed for 0.5 second, and the corresponding frequency is received. ? when a preset station is already selected, the preset station is incremented by one and selected. example: when preset m3 is already selected, this is incremented by one and m4 is selected. when preset m10 is the current selection, m1 is selected next. ? if this key is pressed while no preset station is selected, preset m1 is selected. (2) writing preset memory data is written to a specified preset memory when this key is used in combination with the key. for an explanation of how to write data to a preset memory, refer to the description of the key. when initialization diode switch memsel = 0, this key functions as the key. this key is used to switch the display and the watch adjust mode. it is valid when the watch function is used (when a high level is input to the clkena pin (pin 56))., ? when radio is on: for switching display ? when radio is off: for switching watch adjust mode (1) display switching (when radio is on) each time the key is pressed, the frequency display or watch display is alternately selected. (2) watch adjust mode switching (when radio is off) each time the key is pressed, the mode is changed as follows: for an explanation of how to adjust the time, refer to the description of the and keys. the momentary keys are locked by the following key operation: ? when stopsel = 0: press the key and then the key twice. ? when stopsel = 1: press the key and then the key twice. while keys are locked, no key operation other than that to manipulate key locking is valid. by repeating the key locking operation while the keys are locked, the keys are unlocked. if the momentary keys are locked by input to the keylock pin (pin 14), the keys cannot be unlocked by a key operation. up memory up memory up memory memory m1 mode mode mode mode mode alarm stop down watch display alarm time setting mode watch adjust mode m pd17071gb-012 26 momentary key function description this key is used to select preset memory m6 to m10 in combination with the to keys. it is valid when the radio is on and initialization diode switch memsel = 0. when the key is pressed, the preset shift status is set. in this status, operating the to key manipulates preset memory m6 to m10. the preset shift status is released on completion of the operation. if the key is pressed again in the preset shift status, the preset shift status is released. this key is used to set the sleep timer. it is valid when the radio is on. when the key is pressed, the remaining time of the sleep timer is displayed for 10 seconds. the initial value of the remaining time of the sleep timer is 120 minutes. if the key is pressed while the remaining time of the sleep timer is displayed, the time is decremented in steps of 30 minutes. (example 60 minutes ? 30 minutes, 45 minutes ? 30 minutes) if the remaining time reaches 0 minutes, the sleep timer is released. if the radio is turned off (ce = low level) while the sleep timer is valid, the sleep timer is released. this key is used to cancel output of the alarm sound. it is valid when the watch function is used (when a high level is input to the clkena pin (pin 56)). it is valid when initialization diode switch stopsel = 0. (1) stopping alarm sound output by pressing the key while the alarm sound is output, output of the alarm sound can be stopped. (2) locking momentary keys (when stopsel = 0) momentary keys can be locked by pressing the key and then the key twice. for an explanation of how to lock the keys, refer to the description of the key. this key is used to increment/decrement the receive frequency and adjust the time. ? when radio is on: to increment/decrement receive frequency ? when radio is off: to adjust time and set alarm time (1) incrementing/decrementing receive frequency (when radio is on) time to hold down or key operation less than 0.5 second increments/decrements 1 channel 0.5 second or longer seek up/down up +5 +5 +5 m1 m1 m5 m5 sleep sleep sleep stop stop stop mode mode down down up m pd17071gb-012 27 momentary key function description the operation of each key is as follows during seek up/down operation. key function description ? if the key is pressed while the seek up operation is in progress, the seek operation is stopped, and the frequency at which the seek operation was started is received. ? during the seek down operation, the seek up operation is started. ? if the key is pressed while the seek down operation is in progress, the seek operation is stopped and the frequency at which the seek operation was started is received. ? during the seek up operation, the seek down operation is started. stops the seek operation and performs the operation of the key pressed. ~ performs the operation of the key pressed. the seek operation continues. any key other than above is invalid. (2) adjusting time and setting alarm time (when radio is off) by pressing the or key in the alarm time setting mode or time adjust mode, the time can be adjusted. the following operation is performed in the alarm time setting mode and time adjust mode. key digit to be time to hold operation adjusted down key minute digit less than increments time by 1 minute each time the key 0.5 second is pressed. 0.5 second fast-forward the time at a rate of 8 minutes/ or longer second until the key is released. no carry to the hour digit occurs. each time the minute digit has been adjusted, the second count value is reset. hour digit less than increments time by 1 hour each time the key is 0.5 second pressed. 0.5 second fast-forwards the time at a rate of 4 hours/ or longer second until the key is released. the minute digit and second count value are not affected. down up up down band alarm check +5 stop memory up m1 m5 down up up down m pd17071gb-012 28 2.5 alarm function the alarm function outputs an alarm sound at specified alarm time every day. only one alarm time can be set. when the watch function is not selected on initialization, the alarm function cannot be used. for initialization of the watch function, refer to the description on the clkena pin (pin 56). (1) setting of alarm time to set alarm time, select the alarm time setting mode when the radio is off. each time the key is pressed when the radio is off, the mode is changed as follows: the alarm time can be adjusted by using the and key in the alarm time setting mode. the operation is as follows in the alarm time setting mode. key digit to be adjusted time to hold down key operation minute digit less than 0.5 second increments the minute by one each time the key is pressed. 0.5 second or longer increments the minute at a rate of 8 minutes/second until key is released. hour digit less than 0.5 second increments the hour by one each time the key is pressed. 0.5 second or longer increments the hour at a rate of 4 hours/second until the key is released. the initial alarm time on power application is 00:00 (midnight). (2) setting/releasing alarm by pressing the key, the alarm is set for the time set. when the time has reached the alarm time set, output of the alarm sound is started. the alarm can be released by pressing the key again while the alarm is set. however, the alarm cannot be set or released in the time adjust mode or alarm time setting mode. (3) canceling alarm sound output output of the alarm sound is stopped if the key for canceling the alarm sound output is pressed while the alarm sound is being output. the following key is used as the key for canceling the alarm sound output, depending on the initialization. ? when initialization diode switch stopsel = 0 key ? when initialization diode switch stopsel = 1 key the output of the alarm sound continues for 10 minutes from the start, or until it is canceled. stop mode up down up down alarm alarm alarm watch display alarm time setting mode watch adjust mode m pd17071gb-012 29 2.6 key lock function the key lock function is to lock the momentary keys and invalidate key operations. the keys are locked by input to the keylock pin (pin 14). when the input to the keylock pin is low, the keys can also be locked by a key operation. (1) locking keys by input to keylock pin (pin 14) the momentary keys can be locked by input to the keylock pin. the operation of the momentary keys can be manipulated as follows by the pin input. ? high-level input locks keys and invalidates all key operations. also invalidates the key operation to unlock the keys. ? low-level input all the keys perform normally when the keys are pressed. at this time, the keys can be locked or unlocked by a key operation. (2) locking keys by key operation the keys can be locked or unlocked by a key operation when the input to the keylock pin (pin 14) is low. if the input to the keylock pin is high, however, the locked keys cannot be unlocked by a key operation. the momentary keys are locked by performing the following key lock operation. ? when the keys are locked, they are unlocked when the key lock operation is performed again. ? when the keys are locked, all key operations other than that to unlock the key is invalid. the following key lock operation is performed, depending on initialization. ? when initialization diode switch stopsel = 0 press the key and then the key twice. ? when initialization diode switch stopsel =1 press the key and then the key twice. stop mode mode alarm m pd17071gb-012 30 3. lcd display 3.1 lcd panel the configuration of the lcd panel is shown below. 3.2 font 3.3 lcd pattern (1) connection of segment lines (2) connection of common lines am am alm lock sleep fm pm m st +5 tv mhz khz am am alm lock sleep fm pm +5 tv mhz khz lcd1 lcd0 lcd2 lcd3 lcd4 lcd5 lcd6 lcd7 lcd8 lcd9 m st lcd11 lcd10 am am alm lock sleep fm pm +5 tv mhz khz com3 com2 m st com0 com1 m pd17071gb-012 31 3.4 lcd pin assignment table 3-1 shows assignment of the lcd pins. <1> through <4> in the figure and table below indicate the column positions of the 7-segment digits. a through f indicate the segments of each digit. am am alm lock sleep fm pm m st +5 tv mhz khz < 1 > < 2 > < 3 > < 4 > a g fb d ec m pd17071gb-012 32 table 3-1. assignment of lcd pins common com0 (31) com1 (32) com2 (33) com3 (34) segment lcd0 (35) am alm sleep fm lcd1 (36) am lock pm lcd2 (37) <1>g <1>e <1>d lcd3 (38) <1>a <1>b <1>c lcd4 (39) <2>f <2>g <2>e <2>d lcd5 (40) <2>a <2>b <2>c : lcd6 (41) <3>f <3>g <3>e <3>d lcd7 (42) <3>a <3>b <3>c . lcd8 (43) <4>f <4>g <4>e <4>d lcd9 (44) <4>a <4>b <4>c lcd10 (45) +5 tv mhz khz lcd11 (46) m st lcd12 (47) lcd13 (48) lcd14 (49) remarks 1. numbers in brackets ( ) are pin numbers. 2. : not used m pd17071gb-012 33 3.5 display description symbol description am lights when the am band is selected in the radio mode. lights only when a frequency is displayed. am lights when the time is in the morning in the 12-hour mode. alm lights while the alarm is set. always lights while alarm time is set, and goes off while time is being adjusted. fm lights when the fm band is selected in the radio mode. lights only when a frequency is displayed. khz lights when a frequency is displayed or am band is selected in the radio mode. lock lights when key locking is valid. m lights when the preset memory is manipulated in the radio mode. also lights at 1 hz when the preset memory is enabled to be written. mhz lights when a frequency is displayed and the fm band is selected in the radio mode. +5 lights when +5 (preset memory shift) is valid in the radio mode. pm lights when the time is in the afternoon in the 12-hour mode. sleep lights when the sleep timer is set. st lights when the stereo input is low in the radio mode. tv lights when the tv band is selected in the radio mode. lights only when a frequency is displayed. lights when time is displayed. however, blinks at 1 hz in synchronization with time display when the time or alarm time is adjusted. lights when a frequency in the fm band is selected. lights to indicate the least significant digit of a frequency in the fm band (part). lights if the least significant digit is 5 and goes off if it is 0. displays a frequency, time, and timer. the high-order digits is zero-suppressed. m pd17071gb-012 34 3.6 display example (1) initial display (without time set, 12-hour display) (2) initial display (without time set, 24-hour display) (3) watch display (during fm band selection) this is an example of display with m and +5 lit while a stereo station is selected at 12:34 a.m. the fm and am indications are not displayed to avoid confusion with time when time is displayed in the radio mode. (4) frequency display (during fm band selection) am am m st +5 mhz fm m pd17071gb-012 35 (5) frequency display (during am band selection) (6) frequency display (during tv band selection) (7) sleep timer display tv am khz m pd17071gb-012 36 4. mute output timing chart this section describes the timing of the mute output. <1> through <7> in the timing charts indicate the time required for the respective processing, as follows: <1> key on chattering wait time <2> mute leading time <3> division ratio setting and display contents updating time <4> mute trailing time <5> scan time <6> pll lock wait time <7> key off chattering wait time 4.1 manual up/down (operates by pressing key and releasing within 0.5 sec) time of <4> is 625 to 750 ms at the band edge. 4.2 auto up/down (operates by holding down key for 0.5 sec or longer) scan time of <5> is as follows depending the received band. fm: 40 to 48 ms am: 24 to 32 ms tv: 496 to 504 ms time of <5> is 500 ms, and time of <4> is 625 to 750 ms at the band edge. less than 0.5 sec < 1 > 48?4 ms < 7 > 48?4 ms < 2 > 40?8 ms < 3 > 8?6 ms < 4 > 250?75 ms key off key on mute < 1 > 48?4 ms 0.5 sec < 2 > 40?8 ms < 3 > 8?6 ms < 5 > 250?75 ms sd, if without check station key on mute < 6 > < 3 > 8?6 ms < 6 > < 4 > sd, if with check station < 3 > 8?6 ms < 5 > < 6 > m pd17071gb-012 37 4.3 calling preset memory time of <2> to <4> is the tuner mute time. 4.4 band selection 4.5 ce pin 4.5.1 high level to low level 4.5.2 low level to high level the tuner mute time is the same as 4.3 calling preset memory. < 1 > 48?4 ms < 2 > 40?8 ms < 3 > 8?6 ms < 4 > 500?25 ms key on mute < 1 > 48?4 ms < 2 > 40?8 ms < 3 > 8?6 ms < 4 > 500?25 ms key on mute 8?6 ms mute until the ce pin goes high next time. ce pin = high level low level < 2 > 40?8 ms < 3 > 8?6 ms < 4 > 496?04 ms mute tuner mute time less than 125 ms ce pin = low level high level m pd17071gb-012 38 4.6 sleep timer 8?6 ms mute until the ce pin goes high next time. timer off time m pd17071gb-012 39 5. electrical specifications (preliminary) absolute maximum ratings (t a = 25 c) parameter symbol condition rating unit supply voltage v dd C0.3 to +4.0 v input voltage v i ce pin C0.3 to v dd +0.6 v other than ce pin C0.3 to v dd +0.3 v output voltage v o C0.3 to v dd +0.3 v high-level output current i oh 1 pin C3.0 ma total of all pins C20.0 ma low-level output current i ol 1 pin 3.0 ma total of all pins 20.0 ma operating temperature t a C20 to +70 c storage temperature t stg C55 to +125 c caution if any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality of the product may be impaired. the absolute maximum ratings are values that may physically damage the product(s). be sure to use the product(s) within the ratings. recommended operating range parameter symbol condition min. typ. max. unit supply voltage v dd1 when cpu, pll, and ad operates 1.8 3.0 3.6 v t a = C20 to +70 c v dd2 when cpu operates, t a = C10 to +70 c 1.7 3.0 3.6 v and pll and ad stop t a = 0 to +70 c 1.6 3.0 3.6 v supply voltage rise time t rise v dd = 0 ? 1.8 v (t a = 25 c) 500 ms m pd17071gb-012 40 dc characteristics (t a = e20 to +70 c, v dd = 1.8 to 3.6 v) (1/2) parameter symbol condition min. typ. max. unit supply current i dd1 when cpu and pll are operating with sine wave 6.5 10 ma input to vcoh pin (f in = 250 mhz, v in = 0.2 vp-p) v dd = 3 v, t a = 25 c i dd2 when cpu is operating and pll is stopped 35 45 m a (if counter stops) with sine wave input to x in pin (f in = 75 khz, v in = v dd ) v dd = 3 v, t a = 25 c i dd3 when cpu and pll are stopped (when halt 10 18 m a instruction is used) with sine wave input to x in pin (f in = 75 khz, v in = v dd ) v dd = 3 v, t a = 25 c data retention voltage v ddr on detection of power failure 1.7 v data retention current i ddr when crystal oscillator stops 3 m a v dd = 3.0 v, t a = 25 c high-level input voltage v ih1 ce, int, p0b0-p0b3, p0c0, p0c1, p0d2, p0d3 0.8 v dd v v ih2 p1a0-p1a3 0.5 v dd v low-level input voltage v il1 ce, int, p0b0-p0b3, p0c0, p0c1, p0d2, p0d3 0.2 v dd v v il2 p1a0-p1a3 0.05 v dd v high-level output current i oh1 p0a0-p0a3, p0b0-p0b3, p0c0, p0c1, C0.5 ma p0d2, p0d3, p1b0-p1b3, p1c0, beep v oh = v dd C0.5 v i oh2 eo v oh = v dd C0.5 v C0.2 ma i oh3 lcd0-lcd14 v oh = v dd C0.5 v C20 m a low-level output current i ol1 p0a0-p0a3, p0b0-p0b3, p0c0, 0.5 ma p0c1, p0d2, p0d3, p1c0, beep v ol = 0.5 v i ol2 eo v ol = 0.5 v 0.2 ma i ol3 p1b0-p1b3 v ol = 0.5 v 5 m a i ol4 lcd0-lcd14 v ol = 0.5 v 20 m a high-level input current i ih1 when p1a0 through p1a3 are pulled down 3 30 m a v ih = v dd = 1.8 v i ih2 when x in pin is pulled down 40 m a v ih = v dd = 1.8 v lcd drive voltage v lcd1 when lcd0 through lcd14 outputs are open 2.8 3.1 3.3 v c1 = 0.1 m f, c2 = 0.01 m f t a = 25 c output off leakage current i l eo 1 m a m pd17071gb-012 41 ac characteristics (t a = e20 to +70 c, v dd = 1.8 to 3.6 v) (2/2) parameter symbol condition min. typ. max. unit operating frequency f in1 vcol pin, mf mode, with sine wave input 0.3 8 mhz v in = 0.2 vp-p f in2 vcol pin, hf mode, with sine wave input 5 130 mhz v in = 0.3 vp-p f in3 vcoh pin, vhf mode, with sine wave input 40 230 mhz v in = 0.2 vp-p f in4 fmifc/amifc pin, amif count mode, 400 500 khz with sine wave input v in = 0.1 vp-p f in5 fmifc/amifc pin, amif count mode, 0.4 2 mhz with sine wave input v in = 0.15 vp-p f in6 fmifc/amifc pin, fmif count mode, 10 11 mhz with sine wave input v in = 0.1 vp-p a/d converter characteristics (t a = C20 to +70 c, v dd = 1.8 to 3.6 v) parameter symbol condition min. typ. max. unit a/d conversion resolution 4 bit a/d conversion total error t a = 25 c 1.5 lsb m pd17071gb-012 42 6. package 56 pin plastic qfp (10 10) item millimeters inches d f g k i j 0.8 0.8 1.4?.2 0.65 (t.p.) 0.13 12.8?.4 q 0.504?.016 0.031 0.031 0.055?.008 0.005 0.026 (t.p.) s56gb-65-1a7-3 note each lead centerline is located within 0.13 mm (0.005 inch) of its true position (t.p.) at maximum material condition. c 10.0?.2 0.394?.008 m 0.15 0.006 0.125?.075 0.005?.003 +0.004 ?.003 a 12.8?.4 0.504?.016 h 0.30?.10 0.012?.004 l 0.6?.2 0.024 +0.008 ?.009 n 0.10 0.004 p 1.7 0.067 s r 2.0 max. 5 ? 0.079 max. 5 ? +0.10 ?.05 b 10.0?.2 0.394?.008 n detail of lead end i j f g h q r p k m l m 42 43 28 56 1 15 14 29 a b cd s m pd17071gb-012 43 [memo] m pd17071gb-012 44 [memo] m pd17071gb-012 45 [memo] m pd17071gb-012 46 notes for cmos devices 1 precaution against esd for semiconductors note: strong electric field, when exposed to a mos device, can cause destruction of the gate oxide and ultimately degrade the device operation. steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. environmental control must be adequate. when it is dry, humidifier should be used. it is recommended to avoid using insulators that easily build static electricity. semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. all test and measurement tools including work bench and floor should be grounded. the operator should be grounded using wrist strap. semiconductor devices must not be touched with bare hands. similar precautions need to be taken for pw boards with semiconductor devices on it. 2 handling of unused input pins for cmos note: no connection for cmos device inputs can be cause of malfunction. if no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. cmos device behave differently than bipolar or nmos devices. input levels of cmos devices must be fixed high or low by using a pull-up or pull-down circuitry. each unused pin should be connected to v dd or gnd with a resistor, if it is considered to have a possibility of being an output pin. all handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 status before initialization of mos devices note: power-on does not necessarily define initial status of mos device. produc- tion process of mos does not define the initial operation status of the device. immediately after the power source is turned on, the devices with reset function have not yet been initialized. hence, power-on does not guarantee out-pin levels, i/o settings or contents of registers. device is not initialized until the reset signal is received. reset operation must be executed imme- diately after power-on for devices having reset function. m pd17071gb-012 47 nec electronics inc. (u.s.) santa clara, california tel: 800-366-9782 fax: 800-729-9288 nec electronics (germany) gmbh duesseldorf, germany tel: 0211-65 03 02 fax: 0211-65 03 490 nec electronics (uk) ltd. milton keynes, uk tel: 01908-691-133 fax: 01908-670-290 nec electronics italiana s.r.1. milano, italy tel: 02-66 75 41 fax: 02-66 75 42 99 nec electronics hong kong ltd. hong kong tel: 2886-9318 fax: 2886-9022/9044 nec electronics hong kong ltd. seoul branch seoul, korea tel: 02-528-0303 fax: 02-528-4411 nec electronics singapore pte. ltd. united square, singapore 1130 tel: 253-8311 fax: 250-3583 nec electronics taiwan ltd. taipei, taiwan tel: 02-719-2377 fax: 02-719-5951 nec do brasil s.a. sao paulo-sp, brasil tel: 011-889-1680 fax: 011-889-1689 nec electronics (germany) gmbh benelux office eindhoven, the netherlands tel: 040-2445845 fax: 040-2444580 nec electronics (france) s.a. velizy-villacoublay, france tel: 01-30-67 58 00 fax: 01-30-67 58 99 nec electronics (france) s.a. spain office madrid, spain tel: 01-504-2787 fax: 01-504-2860 nec electronics (germany) gmbh scandinavia office taeby, sweden tel: 08-63 80 820 fax: 08-63 80 388 regional information some information contained in this document may vary from country to country. before using any nec product in your application, please contact the nec office in your country to obtain a list of authorized representatives and distributors. they will verify: ? device availability ? ordering information ? product release schedule ? availability of related technical literature ? development environment specifications (for example, specifications for third-party tools and components, host computers, power plugs, ac supply voltages, and so forth) ? network requirements in addition, trademarks, registered trademarks, export restrictions, and other legal issues may also vary from country to country. j96. 8 m pd17071gb-012 48 no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. while nec corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. to minimize risks of damage or injury to persons or property arising from a defect in an nec semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. nec devices are classified into the following three quality grades: "standard", "special", and "specific". the specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. the recommended applications of a device depend on its quality grade, as indicated below. customers must check the quality grade of each device before using it in a particular application. standard: computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots special: transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) specific: aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. the quality grade of nec devices is "standard" unless otherwise specified in nec's data sheets or data books. if customers intend to use nec devices for applications other than those specified for standard quality grade, they should contact an nec sales representative in advance. anti-radioactive design is not implemented in this product. m4 96.5 [memo] purchase of nec i 2 c components conveys a license under the philips i 2 c patent rights to use these components in an i 2 c system, provided that the system conforms to the i 2 c standard specification as defined by philips. |
Price & Availability of UPD17071GB-012-1A7 |